|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MN101C35D Type ROM (x8-bit) x RAM (x 8-bit) x Package Minimum Instruction Execution Time Interrupts MN101C35D 64 K 2K QFP100-P-1818B *Lead-free 0.25 s (at 2.7 V to 5.5 V, 8 MHz) 125 s (at 2.2 V to 5.5 V, 32 kHz)* * The lower limit for operation guarantee for EPROM built-in type is 2.7 V. * RESET * Watchdog * External 0 * External 1 * External 2 * External 3 * External 4 * Timer 0 * Timer 1 * Timer 2 * Timer 3 * Timer 4 * Timer 5 * Time base * Serial 0 * Serial 1 * Serial 2 * Automatic transfer finish * A/D conversion finish * Key scan Timer counter 0 : 8-bit x 1 (square-wave/8-bit PWM output, event count, generation of remote control carrier) Clock source ********************* 1/1, 1/4 of system clock frequency; 1/1 of OSC oscillation clock frequency; external clock input Interrupt source **************** coincidence with compare register 0 Timer counter 1 : 8-bit x 1 (square-wave output, event count, synchronous output event) Clock source ********************* 1/16, 1/64 of system clock frequency; 1/1 of XI oscillation clock frequency; external clock input Interrupt source **************** coincidence with compare register 1 Timer counter 0, 1 can be cascade-connected. Timer counter 2 : 8-bit x 1 (square-wave/8-bit PWM output, event count, synchronous output event) Clock source ********************* 1/1, 1/4 of system clock frequency; 1/1 of XI oscillation clock frequency; external clock input Interrupt source **************** coincidence with compare register 2 Timer counter 3 : 8-bit x 1 (square-wave output, event count, generation of remote control carrier, serial 0 baud rate timer) Clock source ********************* 1/4, 1/16 of system clock frequency; 1/1 of OSC oscillation clock frequency; external clock input Interrupt source **************** coincidence with compare register 3 Timer counter 2, 3 can be cascade-connected. Timer counter 4 : 16-bit x 1 (square-wave/16-bit PWM output, event count, synchronous output event, input capture) Clock source ********************* 1/4, 1/16 of system clock frequency; 1/1 of OSC oscillation clock frequency; external clock input Interrupt source **************** coincidence with compare register 4 Time base timer (one-minute count setting, independently operable 8-bit timer counter 5) Clock source ********************* 1/4 of system clock frequency; 1/1, 1/8192 of OSC oscillation clock frequency; 1/1, 1/8192 of XI oscillation clock frequency Interrupt source **************** coincidence with compare register 5; 1/8192 prescaler overflow Watchdog timer Interrupt source **************** 1/2097152 of system clock frequency Timer Counter Serial Interface Serial 0 : synchronous type/simple UART (half-duplex) x 1 Clock source ********************* 1/2, 1/4, 1/16 of system clock frequency; 1/2 of timer counter 3 frequency Serial 1 : synchronous type x 1 Clock source ********************* 1/2, 1/8, 1/64 of system clock frequency; 1/2 of timer counter 3 frequency Serial 2 : synchronous type/simple I2C x 1 Clock source ********************* 1/1, 1/2, 1/4 of system clock frequency; 1/2 of timer counter 0 frequency 1 MAD00024DEM MN101C35D I/O Pins I/O High Voltage 36 53 * Common use : 28 * Specified pull-up resistor available * Input/output selectable (bit unit) * Output: 29 * I/O: 24 * P-ch open drain (breakdown voltage -30V): FL drive: 53 * Specified pull-down resistor mask option: 35 A/D Inputs FL Special Ports Electrical Characteristics Supply current 8-bit x 8-ch. (with S/H) (35 to 43) segments x (18 to 10) digits Buzzer output, remote control carrier signal output Limit Parameter Symbol IDD1 Operating supply current IDD2 Supply current at HALT Supply current at STOP IDD3 IDD4 fx = 32 kHz, VDD = 3 V fx = 32 kHz, VDD = 3 V VDD = 3 V 120 10 10 Condition min fosc = 8 MHz, VDD = 5 V typ max 25 mA A A A Unit Pin Assignment P70(SEG7/DGT0) P71(SEG6/DGT1) P72(SEG5/DGT2) P73(SEG4/DGT3) P74(SEG3/DGT4) P75(SEG2/DGT5) P76(SEG1/DGT6) P77(SEG0/DGT7) P60(DGT10) P61(DGT11) 53 P62(DGT12) 52 P95(SEG18) P96(SEG17) P97(SEG16) P80(SEG15) P81(SEG14) P82(SEG13) P83(SEG12) P84(SEG11) P85(SEG10) P86(SEG9) 75 74 73 72 71 70 69 68 67 66 65 P87(SEG8) 64 63 62 61 60 59 58 57 56 55 54 P94(SEG19) P93(SEG20) P92(SEG21) P91(SEG22) P90(SEG23) PC2(SEG24) PC1(SEG25) PC0(SEG26) PB7(SEG27) PB6(SEG28) PB5(SEG29) PB4(SEG30) PB3(SEG31) PB2(SEG32) PB1(SEG33) PB0(SEG34) PD7(SEG35) PD6(SEG36) PD5(SEG37) PD4(SEG38) PD3(SEG39) PD2(SEG40) PD1(SEG41) PD0(SEG42) VPP 51 P63(DGT13) P40(DGT8) P41(DGT9) 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 1 2 3 4 5 6 7 8 9 50 49 48 47 46 45 44 43 42 41 40 39 P64(DGT14) P65(DGT15) P66(DGT16) P67(DGT17) P54 P53 P52 P51 P50 P32(SBT2) P31(SBI2) P30(SBO2) P25 P24(IRQ4) P23(IRQ3) P22(IRQ2) P21(SENS,IRQ1) P20(IRQ0) P15 P14(TM4IO) P13(TM3IO) P12(TM2IO) P11(TM1IO) P10(RMOUT,TM0IO) P27(NRST) MN101C35D 38 37 36 35 34 33 32 31 30 29 28 27 26 25 (TXD,SBO0)P00 (RXD,SBI0)P01 (SBT0)P02 (SBO1)P03 (SBI1)P04 (SBT1)P05 (DK,BUZZER)P06 VDD OSC2 OSC1 VSS XI XO MMOD VREF- (AN0)PA0 (AN1)PA1 (AN2)PA2 (AN3)PA3 (AN4)PA4 (AN5)PA5 (AN6)PA6 (AN7)PA7 VREF+ QFP100-P-1818B *Lead-free P07 See the next page for support tool. MAD00024DEM 2 Support Tool In-circuit Emulator EPROM Built-in Type PX-ICE101C / D + PX-PRB101C35-QFP100-P-1818B Type ROM (x 8-bit) RAM (x 8-bit) Minimum instruction execution time MN101CP35D 64 K 2K 0.25 s (at 2.7 V to 5.5 V, 8 MHz) 125 s (at 2.7 V to 5.5 V, 32 kHz) Package QFP100-P-1818B *Lead-free 3 MAD00024DEM MN101C35D MAD00024DEM 4 Request for your special attention and precautions in using the technical information and semiconductors described in this material (1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd. 2002 JUL |
Price & Availability of MN101C35D |